Part Number Hot Search : 
C829B 1000000 071973 20M02 MC68HC05 MC68HC90 S3AAC24 MAX814
Product Description
Full Text Search
 

To Download FCQ10A04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : FCQ10A04 FCQ10 Q10A
OUTLINE DRAWING
FEATURES *Similar to TO-220AB Case *Fully Molded Isolation *Dual Diodes - Cathode Common *Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation *Wire-Bonded technology
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.75g
Symbol
VRRM VRSM IO IF(RMS) IFSM Tjw Tstg Ftor 120 10
FCQ10A04
40 45 50 Hz Full Sine Wave Tc=116C Resistive Load 11.1 50Hz Full Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM Conditions Min. Typ. Max. 5 0.55 3 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM per arm Tj= 25C, IFM= 5 A VFM per arm Rth(j-c) Junction to Case Rth(c-f) Cace to Fin
FCQ_A_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
FCQ10A04 (per Arm)
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5 0 0.2 0.4 0.6 0.8 1.0 1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
FCQ10A04 (Total)
RECT 180
8
AVERAGE FORWARD POWER DISSIPATION (W)
7 6 5 4 3 2 1 0 0 2 4 6 8
SINE WAVE
10
12
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 200 FCQ10A04 (per Arm)
PEAK REVERSE CURRENT (mA)
100
50 0 10 20 30 40
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
FCQ10A04 (Total)
RECT 180
8
AVERAGE REVERSE POWER DISSIPATION (W)
7 6 5
SINE WAVE
4 3 2 1 0 0 10 20 30 40
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =40 V FCQ10A04 (Total)
RECT 180.
12
AVERAGE FORWARD CURRENT (A)
10
SINE WAVE
8
6
4
2
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 140 FCQ10A04
120
SURGE FORWARD CURRENT (A)
100
80
60
40
I FSM 0.02s
20
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 1000 FCQ10A04 (per Arm)
JUNCTION CAPACITANCE (pF)
500
200
100 0.5 1 2 5 10 20 50
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of FCQ10A04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X